PART |
Description |
Maker |
225718 |
BCS Powerelement gewinkelt D4,2 zweireihig
|
ERNI Electronics
|
225703 |
BCS Powerelement gewinkelt M8 vollflachig
|
ERNI Electronics
|
225700 |
BCS Powerelement gewinkelt M4 vollfl?chig
|
ERNI Electronics
|
10-33-1064 10-33-1024 10-33-1034 10-33-1054 10-33- |
STIFTLEISTE GEWINKELT RASTER 2.0MM 6POL STIFTLEISTE GEWINKELT RASTER 2.0MM 2POL STIFTLEISTE GEWINKELT RASTER 2.0MM 3POL STIFTLEISTE GEWINKELT RASTER 2.0MM 5POL STIFTLEISTE RASTER 2.0MM 4POL STIFTLEISTE RASTER 2.0MM 3POL STIFTLEISTE GEWINKELT RASTER 2.0MM 8POL STIFTLEISTE RASTER 2.0MM 2POL STIFTLEISTE栅格2.0MM 2POL STIFTLEISTE GEWINKELT RASTER 2.0MM 4POL STIFTLEISTE GEWINKELT栅格2.0MM 4POL STIFTLEISTE RASTER 2.0MM 5POL STIFTLEISTE栅格2.0MM 5POL
|
Molex, Inc. Stackpole Electronics, Inc.
|
7460408 |
Powerelement Buchse M5 rundum, 12 Pin
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
PS2566-1 PS2566-1-V PS2566-2 PS2566-2-V PS2566L-1 |
CONNECTOR ACCESSORY 连接器附 D10 - BACKSHELL ENVIRON EMI-RFI STRT MIL D52 - BACKSHELL ENVIRON EMI-RFI STRT MIL HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES HIGH ISOLATION VOLTAGE AC INPUT DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
|
NEC, Corp. NEC Corp. NEC[NEC]
|
MBM29LV160B-12PCV MBM29LV160T-12PCV MBM29LV160T-80 |
16M (2M x??8/1M x 16) BIT CONNECTOR ACCESSORY 1M X 16 FLASH 3V PROM, 80 ns, PBGA48 16M (2M x8/1M x 16) BIT 1M X 16 FLASH 3V PROM, 80 ns, PDSO46 CONNECTOR ACCESSORY 1M X 16 FLASH 3V PROM, 120 ns, PDSO48 16M (2M x8/1M x 16) BIT 1M X 16 FLASH 3V PROM, 80 ns, PBGA48 D10 - CONNECTOR ACCESSORY 16M (2M x′ 8/1M x 16) BIT
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
S29AL032D70TFI042 S29AL032D90TFE042 S29AL032D70TFE |
32 Megabit CMOS 3.0 Volt-only Flash Memory 4M X 8 FLASH 3V PROM, 70 ns, PDSO40 32 Megabit CMOS 3.0 Volt-only Flash Memory 32兆位的CMOS 3.0伏只闪存 Balanced Modulators/Demodulators; Package: SOIC 14 LEAD; No of Pins: 14; Container: Rail; Qty per Container: 55 32兆位的CMOS 3.0伏只闪存 3-30V Quad Comparator, Ta = -40 to 85°C; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tube; Qty per Container: 55 Quad Line EIA-232D Receiver; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500 D10 - BACKSHELL ENVIRON EMI-RFI STRT MIL Dual Differential (EIA-422-A)/Quad Single-Ended (EIA-423-A) Line Drivers; Package: SOIC 16 LEAD; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2500 Up-to-1MHz Single-ended Versatile (Voltage-or-Current-Mode) PWM Controller; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 Balanced Modulators/Demodulators; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 Up-to-36V DC Servo Motor Controller; Package: 16 LEAD PDIP; No of Pins: 16; Container: Tube; Qty per Container: 25 Up-to-36V DC Servo Motor Controller; Package: 16 LEAD PDIP; No of Pins: 16; Container: Rail; Qty per Container: 25 Up-to-1MHz Single-ended Versatile (Voltage-or-Current-Mode) PWM Controller; Package: SO-16 WB; No of Pins: 16; Container: Rail; Qty per Container: 47 JT 6C 6#20 SKT PLUG Up-to-1MHz Dual Output (Push-pull or H-Bridge) Voltage-or-Current-Mode PWM Controller; Package: PDIP-16; No of Pins: 16; Container: Rail; Qty per Container: 500 CONNECTOR ACCESSORY Up-to-1MHz Dual Output (Push-pull or H-Bridge) Voltage-or-Current-Mode PWM Controller; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 32 Megabit CMOS 3.0 Volt-only Flash Memory
|
http:// SPANSION LLC Spansion, Inc. Spansion Inc.
|